Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
WM8746
Advance Information
PP Rev 1.4 November 2001
27
RECOMMENDED EXTERNAL COMPONENTS
12
DVDD
DGND
ML/I2S
AGND1
AVDD1
CAP
C
13
C
12
AGND
1
11
Software I/F or
Hardware Control
WM8746
Notes:
1.
AGND and DGND should be connected as close to the WM8746 as
ibl
2.
C
2, C3, C4 and C12 should be positioned as close to the WM8746 as
ibl
3.
Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for
i performance.
AVDD2
AGND2
GR0
C
3
C
4
C
5
C
2
DVDD
C
1
13
MC/IWL
14
MD/DM
OUT0R
25
C
6
OUT0L
C
7
AC-Coupled
OUT0R/L
to External LPF
8
MODE
9
MUTE
27
AVDD
2
SCKI
3
BCKIN
4
LRCIN
6
DIN1
7
DIN2
Audio Serial Data I/F
DGND
AGND
GR1
GR2
OUT1R
21
C
8
OUT1L
C
9
AC-Coupled
OUT1R/L
to External LPF
23
OUT2R
17
C
10
OUT2L
C
11
AC-Coupled
OUT2R/L
to External LPF
19
10
LRCIN2
5
DIN0
28
15
20
24
+
26
22
18
+
+
+
+
+
+
16
+
+
Software/hardware
control mode select
Figure 24 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD.
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD.
C6 to C11
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C12
0.1
µF
C13
10
µF
Reference de-coupling capacitors for CAP pin.
Table 15 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com