Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
WM8746
Advance Information
PP Rev 1.4 November 2001
13
MODES OF OPERATION
Control of the various modes of operation for the WM8746 is either by software control over the serial
interface ,or by hard-wired pin control. Selection of software or hardware mode is via the MODE pin.
The following functions may be controlled either via the serial control interface or by hard wiring of
the appropriate pins.
FUNCTION
OPTIONS
SOFTWARE CONTROL
DEFAULT VALUE
PIN 8: MODE = 0
HARDWARE CONTROL
BEHAVIOUR
PIN 8: MODE = 1
Input audio data format
Right justified
Left justified
I
2S format
DSP formats
FMT = 00 (default)
FMT = 01
FMT = 10
FMT = 11
Pin 12, 13: ML/I2S, MC/IWL = 00, 01 or 10
Not available in hardware mode
Pin 12, 13: ML/I2S, MC/IWL = 11
Not available in hardware mode
Input word length
16
20
24
32
IWL[1:0] = 00
IWL[1:0] = 01
IWL[1:0] = 10 (default)
IWL[1:0] = 11
Pin 12, 13: ML/I2S, MC/IWL = 00 (RJ)
Pin 12, 13: ML/I2S, MC/IWL = 01 (RJ)
Pin 12, 13: ML/I2S, MC/IWL = 10 (RJ)
Pin 12, 13: ML/I2S, MC/IWL = 11 (I
2S)
De-emphasis selection
On
Off
DEEMPH = 1
DEEMPH = 0 (Default)
Pin 14: MD/DM = 1
Pin 14: MD/DM = 0
Mute
On
Off
MUTE = 1
MUTE = 0 (default)
Pin 9: MUTE = 1
Pin 9: MUTE = 0
Input LRCIN polarity
Normal
Inverted
LRP = 0 (default)
LRP = 1
Not available in hardware mode,
default value set
Volume control
Lch, Rch
individually
Lch, Rch
common
ATC = 0; 0dB (default)
ATC = 1
Not available in hardware mode,
gain defaults to 0dB
Infinite zero detect
On
Off
IZD = 1
IZD = 0 (default)
Automute function controlled from MUTE pin
low = never mute
floating = automute enable
high = mute
Power down
Chip on
Chip off
PWDN = 0 (default)
PWDN = 1
Run SCKI
Stop SCKI
DAC output control
See Table 6
for all options
Default is PL[3:0] = 1001, stereo mode
Not available in hardware mode
Table 5 Control Function Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com