Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN3C69 Datasheet (PDF) - List of Unclassifed Manufacturers

LN3C69 Datasheet PDF - List of Unclassifed Manufacturers
Part # LN3C69
Download  LN3C69 Download
File Size   457.95 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

LN3C69 Datasheet (PDF)

Go To PDF Page Download Datasheet
LN3C69 Datasheet PDF - List of Unclassifed Manufacturers

Part # LN3C69
Download  LN3C69 Click to download

File Size   457.95 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

LN3C69 Datasheet (HTML) - List of Unclassifed Manufacturers


LN3C69 Product details

FEATURES
uLiiSemi Proprietary Cycle Turning Technology for
Improved EMI Performance.
uExtended Burst Mode Control For Improved
Efficiency and Minimum Standby Power Design
uAudio Noise Free Operation
uExternal Programmable PWM Switching Frequency
and Over Temperature Protection (OTP)
uInternal Synchronized Slope Compensation
uLow VDD Startup Current and Low Operating
Current
uLeading Edge Blanking on Current Sense Input
uVDD Over Voltage Clamp and Under Voltage
Lockout with Hysteresis (UVLO)
uGate Output Maximum Voltage Clamp (18V)
uLine Input Compensated Over Universal Input
Voltage Range.
uCycle-by-Cycle Over-current Threshold Setting For
Constant Output Power Limiting Over Universal
Input Voltage Range.
uOverload Protection (OLP)

APPLICATIONS
² Offline AC/DC flyback converter
² Battery Charger
² Power Adaptor
² NoteBook Power Supplies
² Open-frame SMPS

GENERAL DESCRIPTION
LN3C69 is is a highly integrated current mode PWM
control IC optimized for high performance, low standby
power and cost effective offline flyback converter
applications in less than 70W range. PWM switching
frequency at normal operation is externally
programmable and trimmed to tight range. At no load
or light load condition, the IC operates in extended
‘burst mode’ to minimize switching loss. Lower
standby power and higher conversion efficiency is
thus achieved. VDD low startup current and low
operating current contribute to a reliable power on
startup design with LN3C69. A large value resistor
could thus be used in the startup circuit to minimize
the standby power. The internal slope compensation
improves system large signal stability and reduces the
possible sub-harmonic oscillation at high PWM duty
cycle output. Leading-edge blanking on current sense
input removes the signal glitch due to snubber circuit
diode reverse recovery and thus greatly reduces the
external component count and system cost in the
design. LN3C69 offers complete protection coverage
with automatic self-recovery feature including
Cycle-by-Cycle current limiting (OCP), over load
protection (OLP), over temperature protection (OTP),
VDD over voltage clamp and under voltage lockout
(UVLO). The Gate-drive output is clamped to
maximum 18V to protect the power MOSFET.
Excellent EMI performance is achieved with LiiSemi
proprietary Cycle Turning technique together with soft
switching control at the totem pole gate drive output.
Tone energy at below 22kHz is minimized in the
design and audio noise is eliminated during operation.
LN3C69 is offered in SOP8 and DIP8 packages.




Similar Part No. - LN3C69

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LN30 SAMSUNG-LN30 Datasheet
107Kb / 2P
Single Jacket Non-Armored
logo
Shanghai Natlinear Elec...
LN3005_E NATLINEAR-LN3005_E Datasheet
366Kb / 6P
Ultra Low On-Resistance Low Voltage Dual SPDT Analog Switch
Mar. 22, 2011
logo
List of Unclassifed Man...
LN313005 ETC2-LN313005 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LN313006 ETC2-LN313006 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LN313009 ETC2-LN313009 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
More results


Similar Description - LN3C69

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com