Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC20 Datasheet (PDF) - ACUITY BRANDS, INC.

IC20 Datasheet PDF - ACUITY BRANDS, INC.
Part # IC20
Download  IC20 Download
File Size   131.2 Kbytes
Page   1 Pages
Manufacturer  ACUITY [ACUITY BRANDS, INC.]
Direct Link  https://www.acuitybrands.com/
Logo ACUITY - ACUITY BRANDS, INC.
Description IC20 Series 5" Incandescent Housing

IC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC20 Datasheet PDF - ACUITY BRANDS, INC.

Part # IC20
Download  IC20 Click to download

File Size   131.2 Kbytes
Page   1 Pages
Manufacturer  ACUITY [ACUITY BRANDS, INC.]
Direct Link  https://www.acuitybrands.com/
Logo ACUITY - ACUITY BRANDS, INC.
Description IC20 Series 5" Incandescent Housing

IC20 Datasheet (HTML) - ACUITY BRANDS, INC.


IC20 Product details

Features
• 5" Housing
• Drop socket with spring to accommodate various
trim installations
• Medium base porcelain socket with nickel-plated
copper screw shell
• Housing is vertically adjustable to accommodate
up to a 1" ceiling thickness
• Real Nail® 3 bar hangers: telescoping system with
pre-installed removable nail for easy repositioning
of housing in joist construction • Integral T-bar
mounting feature for secure installation in
suspended ceilings
• Housing is fully assembled for ease of installation
• Pre-wired junction box with (5) 1/2" and (1) 3/4"
knockouts with pryout slots, (4) non-metallic
sheathed cable connectors, and ground wire
• Shadow-free, knife-edge trim design blends
smoothly into the ceiling and allows architectural
continuity with Aculux® trims
• UL Listed, C-UL/CSA certified for through-branch
wiring, maximum (8) #12 AWG branch circuit
conductors (4 in, 4 out)
• Thermally protected against improper use of
lamps
• Lamp wattage ratings and apertures based on
trim selection on pages 63-65

Description
IC rated, energy efficient Air-Loc® sealed housing
• Can be completely covered with insulation • Air-Loc
installation stops infiltration and exfiltration of air,
reducing heating and cooling costs

Accessories
Catalog Number Description
ALG5 Air-Loc® Energy Conserving
Gasket for 5" Air-Loc® IC
housings




Similar Part No. - IC20

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC200-1284-001 YAMAICHI-IC200-1284-001 Datasheet
593Kb / 6P
Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC200-2084-009 ETC2-IC200-2084-009 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC200-2084-009 YAMAICHI-IC200-2084-009 Datasheet
593Kb / 6P
Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC200-2084-010 ETC2-IC200-2084-010 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC200-2084-010 YAMAICHI-IC200-2084-010 Datasheet
593Kb / 6P
Series Overview QFP (Quad Flat Packages, Gullwing Leads)
More results


Similar Description - IC20

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
3062 CML-3062 Datasheet
219Kb / 1P
Relampable Incandescent Indicator Light
logo
Omron Electronics LLC
E3ML-M8E4-G OMRON-E3ML-M8E4-G Datasheet
1Mb / 14P
Color Rgistration Mark Incandescent
logo
Visual Communications C...
2802 VCC-2802 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
2803 VCC-2803 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
logo
PHOENIX CONTACT
1720932 PHOENIX-1720932 Datasheet
72Kb / 4P
Housing - PCV 5/ 5-GF-7,62
logo
Schneider Electric
2550101002 SCHNEIDER-2550101002 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com