Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS650S20AS Datasheet (PDF) - Silicon Supplies

SIS650S20AS Datasheet PDF - Silicon Supplies
Part # SIS650S20AS
Download  SIS650S20AS Download
File Size   989.82 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 650V 20A SiC Schottky Diode

SIS650S20AS Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS650S20AS Datasheet PDF - Silicon Supplies

Part # SIS650S20AS
Download  SIS650S20AS Click to download

File Size   989.82 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 650V 20A SiC Schottky Diode

SIS650S20AS Datasheet (HTML) - Silicon Supplies


SIS650S20AS Product details

Features:
Capable of high temperature operation >= 175°C
High F requency Operation
High S urge Current Capability
No Reverse Recovery / No Forward Recovery
Positive Temperature Coefficient




Similar Part No. - SIS650S20AS

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS650S03AS SS-SIS650S03AS Datasheet
1Mb / 3P
650V 3A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S06AS SS-SIS650S06AS Datasheet
1Mb / 3P
650V 6A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S15AS SS-SIS650S15AS Datasheet
989Kb / 3P
650V 15A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Similar Description - SIS650S20AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC20C65 CITC-SIC20C65 Datasheet
1Mb / 4P
20A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE2X10MPS06D GENESIC-GE2X10MPS06D Datasheet
501Kb / 7P
650V 20A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJ3D06520TS UNITEDSIC-UJ3D06520TS Datasheet
553Kb / 5P
20A - 650V SiC Schottky Diode
Rev.B, April 2018
UJD06520K UNITEDSIC-UJD06520K Datasheet
526Kb / 4P
20A - 650V SiC Schottky Diode...
Rev 1.02
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com