Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX7501 Datasheet (PDF) - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD

CX7501 Datasheet PDF - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Part # CX7501
Download  CX7501 Download
File Size   2322.29 Kbytes
Page   10 Pages
Manufacturer  CXW [SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD]
Direct Link  http://www.cxwic.com/
Logo CXW - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Description Quasi-Resonant PSR CC/CV PWM Power Switch

CX7501 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX7501 Datasheet PDF - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD

Part # CX7501
Download  CX7501 Click to download

File Size   2322.29 Kbytes
Page   10 Pages
Manufacturer  CXW [SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD]
Direct Link  http://www.cxwic.com/
Logo CXW - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Description Quasi-Resonant PSR CC/CV PWM Power Switch

CX7501 Datasheet (HTML) - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD


CX7501 Product details

FEATURES
 Low Cost Solution Built-in 800V power BJT
 Quasi-Resonant Primary Side Regulation
(QR-PSR) Control with High Efficiency
 Multi-Mode PSR Control
 Fast Dynamic Response
 Built-in Dynamic Base Drive
 Audio Noise Free Operation
 ±4% CC and CV Regulation
 Low Standby Power <70mW
 Programmable Cable Drop Compensation
(CDC) in CV Mode
 Built-in AC Line & Load CC Compensation
 Build in Protections:
 Short Load Protection (SLP)
 Cycle-by-Cycle Current Limiting
 Leading Edge Blanking (LEB)
 Pin Floating Protection
 VDD OVP & UVP & Clamp
 Over temperature protection(OTP)
 Available with Versions in SOP-7 Package




Similar Part No. - CX7501

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX7 EUROQUARTZ-CX7 Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
Beckhoff Automation Gmb...
CX7000 BECKHOFF-CX7000 Datasheet
121Kb / 3P
Embedded PC with ARM Cortex??M7 processor
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
Embedded PC for RS232/RS485
logo
Hirose Electric
CX70M-24P1 HIROSE-CX70M-24P1 Datasheet
393Kb / 2P
EMBOSSED CARRER TAPE PACKAGING
15.12.11
CX70M-24P1 HIROSE-CX70M-24P1 Datasheet
1Mb / 25P
USB Type-C Connector
More results


Similar Description - CX7501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
logo
Leadtrend Technology
LD5718AC LEADTREND-LD5718AC Datasheet
713Kb / 16P
Primary-Side Quasi-Resonant Controller,Operating in CV/CC Mode
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7516C LEADTREND-LD7516C Datasheet
699Kb / 14P
Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
logo
Princeton Technology Co...
RS2122A PTC-RS2122A Datasheet
146Kb / 4P
High Precision CC/CV PSR PWM Switch
RS2138A PTC-RS2138A Datasheet
70Kb / 4P
High Precision CC/CV PSR PWM Switch
logo
AiT Semiconductor Inc.
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com