Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL7078 Datasheet (PDF) - Analog Devices

ADL7078 Datasheet PDF - Analog Devices
Part # ADL7078
Download  ADL7078 Download
File Size   1473.59 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz

ADL7078 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL7078 Datasheet PDF - Analog Devices

Part # ADL7078
Download  ADL7078 Click to download

File Size   1473.59 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz

ADL7078 Datasheet (HTML) - Analog Devices


ADL7078 Product details

GENERAL DESCRIPTION
The ADL7078 is a 1 GHz to 20 GHz low noise amplifier (LNA) with
32 dBm RF input power survivability. AC-coupling capacitors and
bias inductors are integrated, facilitating a compact printed circuit
board (PCB) footprint.
The ADL7078 has a gain of 13 dB, an output power for 1 dB
compression (OP1dB) of 16.5 dBm, a typical output third-order
intercept (OIP3) of 28 dBm, and a noise figure of 4.4 dB from 2
GHz to 18 GHz. This LNA operates on a 5 V supply voltage (VDD)
and has a nominal quiescent current (IDQ) of 175 mA.

FEATURES
► High RF input power survivability: 32 dBm
► Integrated AC coupling capacitors and bias inductor
► Single positive supply: 5 V with IDQ = 175 mA
► RBIAS drain current adjustment pin
► Gain: 13 dB typical from 2 GHz to 18 GHz
► OIP3: 28 dBm typical from 2 GHz to 18 GHz
► OIP2: 48 dBm typical from 2 GHz to 18 GHz

APPLICATIONS
► Electronic warfare
► Test and measurement equipment
► Satellite communications




Similar Part No. - ADL7078

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL7003 AD-ADL7003 Datasheet
481Kb / 18P
Wideband Low Noise Amplifier
Apr-2017
ADL7003CHIPS AD-ADL7003CHIPS Datasheet
481Kb / 18P
Wideband Low Noise Amplifier
Apr-2017
ADL7003CHIPS-SX AD-ADL7003CHIPS-SX Datasheet
481Kb / 18P
Wideband Low Noise Amplifier
Apr-2017
More results


Similar Description - ADL7078

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
20-24 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
logo
Analog Devices
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADH463S AD-ADH463S Datasheet
303Kb / 7P
2 to 20 GHz Low Noise AGC Amplifier
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com