Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6220 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6220 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6220
Download  AMMC-6220 Download
File Size   524.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz Low Noise Amplifier

AMMC-6220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6220 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6220
Download  AMMC-6220 Click to download

File Size   524.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz Low Noise Amplifier

AMMC-6220 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6220 Product details

Description

Avago Technologies’ AMMC-6220 is a high gain, low noise amplifier that operates from 6 GHz to 20 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage. By eliminating the complex tuning and assembly processes typically required by hybrid (discrete-FET) amplifiers, the AMMC-6220 is a cost-effective alternative in the 6 - 20 GHz communications receivers. The backside of the chip is both RF and DC ground. This helps simplify the assembly process and reduces assembly related performance variations and costs. It is fabricated in a PHEMT process to provide exceptional noise and gain performance. For improved reliability and moisture protection, the die is passivated at the active areas.



Features

• Wide frequency range: 6 - 20 GHz

• High gain: 23 dB

• Low 50 Ω Noise Figure: 2.0 dB

• 50 Ω Input and Output Match

• Single 3V Supply Bias



Applications

• Microwave Radio systems

• Satellite VSAT, DBS Up/Down Link

• LMDS & Pt-Pt mmW Long Haul

• Broadband Wireless Access

  (including 802.16 and 802.20 WiMax)

• WLL and MMDS loops



 




Similar Part No. - AMMC-6220

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMC-6220-W10 BOARDCOM-AMMC-6220-W10 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMC-6220-W50 BOARDCOM-AMMC-6220-W50 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
More results


Similar Description - AMMC-6220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220 AVAGO-AMMP-6220 Datasheet
430Kb / 10P
6-20 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
6-20 GHz Low Noise Amplifier
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com