Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6220 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6220
Description  6 - 20 GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6220 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6220 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6220 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Gain at 12 GHz
TypicaldistributionofSmallSignalGain,NoiseFigure,andReturnLoss.Basedon1500partsampledoverseveral
productionlots.
AMMC-6220 DC Specifications/Physical Properties [1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
DrainSupplyCurrent
(underanyRFpowerdriveandtemperature)
(Vd=3.0V)
mA
55
70
Vg
GateSupplyOperatingVoltage
(Id(Q)=800(mA))
V
NA
qch-b
ThermalResistance[2]
(Backsidetemperature,Tb=25°C)
°C/W
25
Notes:
1. AmbientoperationaltemperatureTA=25°Cunlessotherwisenoted.
2. Channel-to-backsideThermalResistance(qch-b)=26°C/WatTchannel(Tc)=34°Casmeasuredusinginfraredmicroscopy.ThermalResistanceat
backsidetemperature(Tb)=25°Ccalculatedfrommeasureddata.
AMMC-6220 RF Specifications [3, 4, 5] (TA= 25°C, Vd=3.0 V, Id(Q)=55 mA, Zo=50 Ω)
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Sigma
Gain
Small-signalGain[6]
dB
21
23
0.30
NF
NoiseFigureinto50 W
dB
7-10GHz=2.1
10-16GHz=1.8
16-20GHz=2.0
8GHz=2.4
12GHz=2.2
18GHz=2.4
0.10
P-1dB
OutputPowerat1dBGainCompres-
sion
dBm
+9
0.87
OIP3
ThirdOrderInterceptPoint;
Df=100MHz;Pin=-35dBm
dBm
+19
1.20
RLin
InputReturnLoss[6]
dB
-12
-10
0.31
RLout
OutputReturnLoss[6]
dB
-16
-10
0.68
Isol
ReverseIsolation[6]
dB
-45
0.50
Notes:
3. Small/Large-signaldatameasuredinwaferformTA=25°C.
4. 100%on-waferRFtestisdoneatfrequency=8,12,and18GHz.
5. Specificationsarederivedfrommeasurementsina50Ωtestenvironment.Aspectsoftheamplifierperformancemaybeimprovedovera
morenarrowbandwidthbyapplicationofadditionalconjugate,linearity,orlownoise(Γopt)matching.
6. Asderivedfrommeasureds-parameters
Return Loss at 12 GHz
Noise Figure at 12 GHz
LSL



USL
-11. -11.
-11 -10. -10. -10.1
-9.8
-9.
USL
1.
1.8
1.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com