Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414 Datasheet (PDF) - Analog Devices

HMC8414 Datasheet PDF - Analog Devices
Part # HMC8414
Download  HMC8414 Download
File Size   3104.32 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz

HMC8414 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8414 Datasheet PDF - Analog Devices

Part # HMC8414
Download  HMC8414 Click to download

File Size   3104.32 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz

HMC8414 Datasheet (HTML) - Analog Devices


HMC8414 Product details

GENERAL DESCRIPTION
The HMC8414 is a low noise wideband amplifier with a bypass
switch that operates from 0.1 GHz to 10 GHz. The integrated
bypass switch enables high dynamic range systems with large
receive path signal variation. In the bypass path, typical insertion
loss and input third-order intercept (IIP3) are 1.5 dB and 49.4 dBm,
respectively.
The HMC8414 features inputs and outputs that are internally
matched to 50 Ω over the full operating range of the device. The
single positive supply voltage can range from 3 V to 6 V. The bias
current is set by a resistor connected between the RBIAS pin and
VDD pins (RFOUT/VDD1 and VDD2), and can be varied around its
nominal value of 90 mA.

FEATURES
► Integrated amplifier bypass switch
► Self biased with adjustable bias current
► Gain in amplifier path: 16 dB typical at 7 GHz to 10 GHz
► OIP3 in amplifier path: 36.5 dBm typical at 0.1 GHz to 4 GHz
► Noise figure in amplifier path: 2 dB typical at 0.1 GHz to 4 GHz
► Insertion loss in bypass path: 1.5 dB typical at 0.1 GHz to 4 GHz
► 16-lead, 3 mm × 3 mm LFCSP package

APPLICATIONS
► Test and measurement equipment
► Wideband high dynamic range receivers




Similar Part No. - HMC8414

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
HMC8410CHIPS AD-HMC8410CHIPS Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410CHIPS-SX AD-HMC8410CHIPS-SX Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
More results


Similar Description - HMC8414

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com