Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8112 Datasheet (PDF) - Analog Devices

ADL8112 Datasheet PDF - Analog Devices
Part # ADL8112
Download  ADL8112 Download
File Size   1695.6 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 26.5 GHz Amplifier with Bypass Switches

ADL8112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8112 Datasheet PDF - Analog Devices

Part # ADL8112
Download  ADL8112 Click to download

File Size   1695.6 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 26.5 GHz Amplifier with Bypass Switches

ADL8112 Datasheet (HTML) - Analog Devices


ADL8112 Product details

GENERAL DESCRIPTION
The ADL8112 is a low noise amplifier (LNA) with bypass switches
that provides broadband operation from 10 MHz to 26.5 GHz. The
ADL8112 provides a low noise figure of 4 dB and an output third-order
intercept point (OIP3) of 22.5 dBm. The ADL8112 provides a
gain of 13.5 dB that is stable over frequency, temperature, power
supply, and from device to device.
The integration of an amplifier and two single-pole, four-throw
(SP4T) reflective switches allow multiple paths through the device.
The addition of switches also offers a high third order input intercept
(IIP3) path when large input signals are present. With the integration
of power supply decoupling capacitors, minimal external power
supply decoupling is required.
The ADL8112 is fully specified for operation across a temperature
range of −40°C to +85°C. The ADL8112 is offered in a 6 mm x 6
mm, 28-terminal land grid array (LGA) package.

FEATURES
► Wideband amplifier with multiple bypass modes
► Broad operation from 10 MHz to 26.5 GHz
► Integrated power supply decoupling
► Four pin-selectable operating modes
► Internal amplifier mode
► Internal bypass mode
► Two external bypass modes
► Reflective bypass switches
► Amplifier gain: 13.5 dB typical from 8 GHz to 14 GHz
► Amplifier OP1dB: 11 dBm typical from 8 GHz to 14 GHz
► Amplifier OIP3: 22.5 dBm typical from 8 GHz to 14 GHz
► Amplifier noise figure: 4 dB typical from 8 GHz to 14 GHz
► Bypass mode insertion loss: 3.4 dB typical from 8 GHz to 14GHz
► Operating temperature range: −40°C to +85°C
► RoHS compliant, 6 mm × 6 mm, 28-terminal LGA

APPLICATIONS
► Electronic test and measurement equipment
► Electronic warfare
► Wireless receivers




Similar Part No. - ADL8112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111 AD-ADL8111 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111 AD-ADL8111 Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111ACCZN AD-ADL8111ACCZN Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results


Similar Description - ADL8112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Pasternack Enterprises,...
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE1608 PASTERNACK-PE1608 Datasheet
311Kb / 3P
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
logo
Skyworks Solutions Inc.
SKY65450-92LF SKYWORKS-SKY65450-92LF Datasheet
464Kb / 8P
40 MHz to 1 GHz Broadband 75 (ohm) CATV Low-Noise Amplifier with Bypass Mode
logo
Keysight Technologies
N2002A KEYSIGHT-N2002A Datasheet
295Kb / 5P
N2002A Noise Source Test Set 10 MHz to 26.5 GHz
logo
Marki Microwave
INV-0026 MARKIMICROWAVE-INV-0026 Datasheet
345Kb / 3P
BROADBAND PULSE INVERTER (1 MHz to 26.5 GHz)
logo
Analog Devices
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com