Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111 Datasheet (PDF) - Analog Devices

ADL8111 Datasheet PDF - Analog Devices
Part # ADL8111
Download  ADL8111 Download
File Size   2625.61 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 8 GHz Bypass Amplifier

ADL8111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8111 Datasheet PDF - Analog Devices

Part # ADL8111
Download  ADL8111 Click to download

File Size   2625.61 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 8 GHz Bypass Amplifier

ADL8111 Datasheet (HTML) - Analog Devices


ADL8111 Product details

FEATURES
► Small signal gain of 12.5 dB typical from 10 MHz to 500 MHz
► Broad operation from 10 MHz to 8000 MHz
► OIP3 of 34 dBm typical from 10 MHz to 500 MHz
► Internal amplifier state, output P1dB of 17 dBm typical from 5000
MHz to 8000 MHz
► Noise figure of 2.8 dB typical from 10 MHz to 500 MHz
► Low insertion loss of 2 dB typical for the internal bypass switch
state from 10 MHz to 500 MHz
► Wide operating temperature range of −40°C to +85°C
► RoHS compliant, 6 mm × 6 mm, 28-terminal LGA
► ESD rating of ±750 V (Class 1B)
APPLICATIONS
► Military
► Test instrumentation
► Communications




Similar Part No. - ADL8111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111 AD-ADL8111 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111ACCZN AD-ADL8111ACCZN Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111ACCZN-R7 AD-ADL8111ACCZN-R7 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results


Similar Description - ADL8111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC272 ETC-AC272 Datasheet
123Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC1508 ETC1-AC1508 Datasheet
114Kb / 2P
10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC2578 TELEDYNE-AC2578 Datasheet
172Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC3579 TELEDYNE-AC3579 Datasheet
178Kb / 2P
10 TO 3500 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Analog Devices
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com