Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS8108 Datasheet (PDF) - Suzhou Huaxin Micro-electronics Co., LTD.

HS8108 Datasheet PDF - Suzhou Huaxin Micro-electronics Co., LTD.
Part # HS8108
Download  HS8108 Download
File Size   109.28 Kbytes
Page   9 Pages
Manufacturer  HUAXIN [Suzhou Huaxin Micro-electronics Co., LTD.]
Direct Link  http://www.h-sun.com/en/
Logo HUAXIN - Suzhou Huaxin Micro-electronics Co., LTD.
Description PC half-bridge (or 494) power supply supervisor two 431 PWM

HS8108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS8108 Datasheet PDF - Suzhou Huaxin Micro-electronics Co., LTD.

Part # HS8108
Download  HS8108 Click to download

File Size   109.28 Kbytes
Page   9 Pages
Manufacturer  HUAXIN [Suzhou Huaxin Micro-electronics Co., LTD.]
Direct Link  http://www.h-sun.com/en/
Logo HUAXIN - Suzhou Huaxin Micro-electronics Co., LTD.
Description PC half-bridge (or 494) power supply supervisor two 431 PWM

HS8108 Datasheet (HTML) - Suzhou Huaxin Micro-electronics Co., LTD.


HS8108 Product details

DESCRIPTION:
HS8108 is a power supply switching mode controller IC for desktop PCs.
It provides all the functions necessary to monitor and control the output
of the power supply. Remote ON/OFF control, power good circuitry, some
protection features against over-voltage and over-power are implemented.
It directly senses all the output rails for OVP without the need of external
dividers. A built-in timer generates accurate timing for control circuit
including the PS-off delay. The cycle-by-cycle PWM switching prevents the
power transformer from saturation and ensure the fastest response for the
short-circuit protection which greatly reduce the stress for power
transistors. Two internal precise 431 shunt regulators provide stable
reference voltage and driver for 3.3V and 5V-standby regulation. Utilizing
minimum number of external components, the HS8108 includes all of the
functions for push-pull and/or half-bridge topology, decreasing the
production cost and PCB space,and increasing the MTBF for power supply.

FEATURES:
PC half-bridge (or 494) power supply supervisor + two 431 + PWM
Remote ON/OFF function
Power-down warning circuitry ﹠ Power good circuitry
Delay time for PSON and PG signal
Over-voltage protection for 3.3V, 5V and 12V
Under-voltage protection for 3.3V, 5V,12V, -12V and/or -5V
Push-pull PWM operation and totem pole outputs
Over-power and short-circuit protection
Two shunt regulator for 3.3V and 5V Sb
Soft-start and maximum 93% duty cycle
On-chip oscillator and error amplifier




Similar Part No. - HS8108

ManufacturerPart #DatasheetDescription
logo
Suzhou Huaxin Micro-ele...
HS8110 HUAXIN-HS8110 Datasheet
145Kb / 9P
Computer switching power supply controller
Ver 1.0
logo
Vishay Siliconix
HS817 VISHAY-HS817 Datasheet
313Kb / 8P
Optocoupler with Transistor Output
27-Jul-11
HS817B VISHAY-HS817B Datasheet
313Kb / 8P
Optocoupler with Transistor Output
27-Jul-11
HS817BG VISHAY-HS817BG Datasheet
313Kb / 8P
Optocoupler with Transistor Output
27-Jul-11
HS817G VISHAY-HS817G Datasheet
313Kb / 8P
Optocoupler with Transistor Output
27-Jul-11
More results


Similar Description - HS8108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
Power Supply Supervisor PWM
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
PC POWER SUPPLY PWM SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
FSP3529 FAIRCHILD-FSP3529 Datasheet
719Kb / 30P
Half-bridge (or 494) power supply monitoring IC two 431 PWMs
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
PC Power Supply PWM with Supervisor
2007-10-15 V2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com