Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745 Datasheet (PDF) - Texas Instruments

LP87745 Datasheet PDF - Texas Instruments
Part # LP87745
Download  LP87745 Download
File Size   1500.55 Kbytes
Page   16 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors

LP87745 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP87745 Datasheet PDF - Texas Instruments

Part # LP87745
Download  LP87745 Click to download

File Size   1500.55 Kbytes
Page   16 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors

LP87745 Datasheet (HTML) - Texas Instruments


LP87745 Product details

1 Features
• Device operating temperature : –40°C to +125°C
ambient
• Input voltage: 3.3 V nominal (3 V to 4 V range)
• Three low-noise step-down DC/DC converters:
– Output voltage: 0.9 V to 1.9 V, 0.8 V (BUCK3),
0.82 V (BUCK3)
– Maximum output current: 3 A/ 3 A/ 3 A
– Switching frequency: 4.4 MHz, 8.8 MHz, and
17.6 MHz
• 5 V boost converter
– Maximum output current: 350 mA
• 150 mA LDO
– Output voltage 1.8 V or 3.3 V
• Output short-circuit and overload protection
• Input overvoltage protection (OVP) and
undervoltage lockout (UVLO)
• Overtemperature warning and protection
• Serial peripheral interface (SPI)

2 Applications
• Factory automation & control
• Industrial transport (non-car & non-light truck)
• Low ripple, low noise applications

3 Description
The LP8774x device is designed to meet the power
management requirements of the IWR MMICs in
various industrial radar applications. The device has
three step-down DC/DC converters, a 5-V boost
converter and a 1.8 V or 3.3 V LDO. The LDO is
powered from the boost and intended for xWR I/O
supply. An SPI serial interface and enable signals
control the device.
The step-down DC/DC converters support
programmable switching frequency of 4.4 MHz, 8.8
MHz, or 17.6 MHz. High switching frequency and low
noise across wide frequency range enable LDO-free
power solution with minimal or no passive filtering.
The high switching frequency improves thermals and
transient settling for the MMIC RF rails. The device
forces the switching clock into PWM mode for optimal
RF performance and can also be synchronized to an
external clock. The device supports remote voltage
sensing to compensate IR drop between the regulator
output and the point-of-load (POL) which improves the
accuracy of the output voltage.




Similar Part No. - LP87745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87745 TI1-LP87745 Datasheet
622Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745 TI1-LP87745 Datasheet
623Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745 TI2-LP87745 Datasheet
591Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
More results


Similar Description - LP87745

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Texas Instruments
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
Four 4-MHz Buck Converters for AWR and IWR MMICs
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
Configured for Boost and Buck-Boost Application
Rev 1; 3/19
logo
Texas Instruments
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP876242-Q1 TI-LP876242-Q1 Datasheet
7Mb / 292P
LP876242-Q1 Four 8.8-MHz Buck Converters for AWR and IWR MMICs
REVISED SEPTEMBER 2022
LP87745-Q1 TI-LP87745-Q1_V01 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com