Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP87745
Description  LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 1 Page - Texas Instruments

  LP87745 Datasheet HTML 1Page - Texas Instruments LP87745 Datasheet HTML 2Page - Texas Instruments LP87745 Datasheet HTML 3Page - Texas Instruments LP87745 Datasheet HTML 4Page - Texas Instruments LP87745 Datasheet HTML 5Page - Texas Instruments LP87745 Datasheet HTML 6Page - Texas Instruments LP87745 Datasheet HTML 7Page - Texas Instruments LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
1 Features
• Device operating temperature : –40°C to +125°C
ambient
• Input voltage: 3.3 V nominal (3 V to 4 V range)
• Three low-noise step-down DC/DC converters:
– Output voltage: 0.9 V to 1.9 V, 0.8 V (BUCK3),
0.82 V (BUCK3)
– Maximum output current: 3 A/ 3 A/ 3 A
– Switching frequency: 4.4 MHz, 8.8 MHz, and
17.6 MHz
• 5 V boost converter
– Maximum output current: 350 mA
• 150 mA LDO
– Output voltage 1.8 V or 3.3 V
• Output short-circuit and overload protection
• Input overvoltage protection (OVP) and
undervoltage lockout (UVLO)
• Overtemperature warning and protection
• Serial peripheral interface (SPI)
2 Applications
• Factory automation & control
• Industrial transport (non-car & non-light truck)
• Low ripple, low noise applications
3 Description
The LP8774x device is designed to meet the power
management requirements of the IWR MMICs in
various industrial radar applications. The device has
three step-down DC/DC converters, a 5-V boost
converter and a 1.8 V or 3.3 V LDO. The LDO is
powered from the boost and intended for xWR I/O
supply. An SPI serial interface and enable signals
control the device.
The
step-down
DC/DC
converters
support
programmable switching frequency of 4.4 MHz, 8.8
MHz, or 17.6 MHz. High switching frequency and low
noise across wide frequency range enable LDO-free
power solution with minimal or no passive filtering.
The high switching frequency improves thermals and
transient settling for the MMIC RF rails. The device
forces the switching clock into PWM mode for optimal
RF performance and can also be synchronized to an
external clock. The device supports remote voltage
sensing to compensate IR drop between the regulator
output and the point-of-load (POL) which improves the
accuracy of the output voltage.
Package Information
PART
NUMBER(1)
PACKAGE
PACKAGE
SIZE(2)
BODY SIZE
(NOM)
LP8774x
RXV (VQFN-
HR, 28)
4.50 mm ×
5.00 mm
4.50 mm ×
5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SW_B1
PVIN_B1
PVIN_B2
VCCA
VIN
FB_B1
VOUT1
LOAD
CS_SPI/WD_DIS
SCK_SPI
nINT
SYNCCLKIN
GNDs
ENABLE
SW_B2
FB_B2
VOUT2
VMON1/GPO1
nERR/GPO2
SW_BST
VOUT_BST
VOUT4
LOAD
LOAD
SW_B3
FB_B3
VOUT3
LOAD
PVIN_B3
SDO_SPI
SDI_SPI
nRSTOUT
VOUT_VLDO
SPI interface
VIO_LDO
VOUT5
Simplified Application
LP87745
SNVSCH5 – NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP87745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87745 TI1-LP87745 Datasheet
622Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745 TI1-LP87745 Datasheet
623Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745 TI2-LP87745 Datasheet
591Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
More results

Similar Description - LP87745

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Texas Instruments
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
Four 4-MHz Buck Converters for AWR and IWR MMICs
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
Configured for Boost and Buck-Boost Application
Rev 1; 3/19
logo
Texas Instruments
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP876242-Q1 TI-LP876242-Q1 Datasheet
7Mb / 292P
LP876242-Q1 Four 8.8-MHz Buck Converters for AWR and IWR MMICs
REVISED SEPTEMBER 2022
LP87745-Q1 TI-LP87745-Q1_V01 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com