Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP87745
Description  LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP87745 Datasheet HTML 7Page - Texas Instruments LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments LP87745 Datasheet HTML 10Page - Texas Instruments LP87745 Datasheet HTML 11Page - Texas Instruments LP87745 Datasheet HTML 12Page - Texas Instruments LP87745 Datasheet HTML 13Page - Texas Instruments LP87745 Datasheet HTML 14Page - Texas Instruments LP87745 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EXAMPLE BOARD LAYOUT
4226338/A 10/2020
www.ti.com
VQFN-HR - 1 mm max height
RXV0028A
PLASTIC QUAD FLATPACK-NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 16X
NON- SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL
METAL
SOLDER MASK
OPENING
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
EXPOSED METAL
SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOT TO SCALE
(1.25)
(0.8)
4X (0.725)
4X (0.8)
4X (0.85)
4X
(1.175)
4X
(1.55)
2X
(1.9)
4X (1.075)
4X (0.825)
(Ø 0.2) VIA
TYP
(R 0.05) TYP
28X (0.5)
2X (2.2875)
2X (2.1125)
2X (1.925)
2X (1.75)
(0)
(4.9)
22X (0.25)
4X (0.25)
2X (0.25)
4X
(0.25)
NOTES: (continued)
3.
For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
4.
Solder mask tolerances between and around signal pads can vary based on board fabrication site.
1
9
10
14
15
23
24
28
5
19
www.ti.com
LP87745
SNVSCH5 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP87745



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com