Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP87745
Description  LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments LP87745 Datasheet HTML 10Page - Texas Instruments LP87745 Datasheet HTML 11Page - Texas Instruments LP87745 Datasheet HTML 12Page - Texas Instruments LP87745 Datasheet HTML 13Page - Texas Instruments LP87745 Datasheet HTML 14Page - Texas Instruments LP87745 Datasheet HTML 15Page - Texas Instruments LP87745 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4226370/A 10/2020
www.ti.com
VQFN-HR - 1 mm max height
PLASTIC QUAD FLATPACK-NO LEAD
RXV0028B
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
4.6
4.4
5.1
4.9
PIN 1 INDEX AREA
0.1 MIN
(0.05)
SECTION A-A
TYPICAL
1.0
0.8
0.05
0.00
SEATING PLANE
C
(0.2) TYP
1.25±0.1
0.8±0.1
4X
0.975
0.775
4X
0.725
0.525
4X
0.7
0.5
4X
0.625
0.425
4X
0.75
0.55
8X
0.3
0.2
28X 0.5
4
3
4X (0.625) TYP
4X (0.375) TYP
2X
0.3
0.2
4X
1.075
0.875
4X
1.45
1.25
2X
1.8
1.6
0.1
C A B
0.05
C
22X
0.3
0.2
0.1
C A B
0.05
C
1
9
10
14
15
23
24
28
www.ti.com
LP87745
SNVSCH5 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP87745



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com