Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC903KK3E Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC903KK3E Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC903KK3E
Download  MC68HC903KK3E Download
File Size   2409.16 Kbytes
Page   180 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC903KK3E Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC903KK3E Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC903KK3E
Download  MC68HC903KK3E Click to download

File Size   2409.16 Kbytes
Page   180 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC903KK3E Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC903KK3E Product details

General Description
Introduction
The MC68H(R)C908JL3E is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features of the MC68H(R)C908JL3E include the following:
• EMC enhanced version of MC68H(R)C908JL3/JK3/JK1
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Low-power design; fully static with stop and wait modes
• Maximum internal bus frequency:
   – 8-MHz at 5V operating voltage
   – 4-MHz at 3V operating voltage
• Oscillator options:
   – Crystal oscillator for MC68HC908JL3E/JK3E/JK1E
   – RC oscillator for MC68HRC908JL3E/JK3E/JK1E
• User program Flash memory with security(1) feature
   – 4,096 bytes for MC68H(R)C908JL3E/JK3E
   – 1,536 bytes for MC68H(R)C908JK1E
• 128 bytes of on-chip RAM
• 2-channel, 16-bit timer interface module (TIM)
• 12-channel, 8-bit analog-to-digital converter (ADC)
• 23 general purpose I/O ports for MC68H(R)C908JL3E:
   – 7 keyboard interrupt with internal pull-up (6 keyboard interrupt for MC68HC908JL3E)
   – 10 LED drivers (sink)
   – 2 × 25mA open-drain I/O with pull-up
• 15 general purpose I/O ports for MC68H(R)C908JK3E/JK1E:
   – 1 keyboard interrupt with internal pull-up (MC68HRC908JK3E/JK1E only)
   – 4 LED drivers (sink)
   – 2 × 25mA open-drain I/O with pull-up
   – 10-channel ADC
• System protection features:
   – Optional computer operating properly (COP) reset
   – Optional low-voltage detection with reset and selectable trip points for 3V and 5V operation
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Master reset pin with internal pull-up and power-on reset
• IRQ with schmitt-trigger input and programmable pull-up
• 28-pin PDIP, 28-pin SOIC, and 48-pin LQFP packages for MC68H(R)C908JL3E
• 20-pin PDIP and 20-pin SOIC packages for MC68H(R)C908JK3E/JK1E




Similar Part No. - MC68HC903KK3E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC903KL3E FREESCALE-MC68HC903KL3E Datasheet
1Mb / 180P
General Description
More results


Similar Description - MC68HC903KK3E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com