Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH175 Datasheet (PDF) - Diodes Incorporated

AH175 Datasheet PDF - Diodes Incorporated
Part # AH175
Download  AH175 Download
File Size   118.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HALL EFFECT LATCH FOR HIGH TEMPERATURE

AH175 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH175 Datasheet PDF - Diodes Incorporated

Part # AH175
Download  AH175 Click to download

File Size   118.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HALL EFFECT LATCH FOR HIGH TEMPERATURE

AH175 Datasheet (HTML) - Diodes Incorporated


AH175 Product details

General Description
AH175 is a single-digital-output Hall-effect sensor for high temperature operation. The device includes an on-chip Hall voltage generator for magnetic sensing, an amplifier to amplify Hall voltage, and a comparator to provide switching hysteresis for noise rejection, and an open-collector output pre-driver. An internal band-gap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range.

Features
• Bipolar Hall Effect Latch Sensor
• 3.5V to 20V DC Operation Voltage
• Open Collector Pre-Driver
• 25mA Output Sink Current
• Chip Power Reverse-Connection Protection
• Operating Temperature: -40oC~150oC
• Lead Free Finish/RoHS Compliant for Lead Free products (Note 1)
• Lead Free Packages: SIP-3L, SC59-3L
• Green Package: SC59-3L

Applications
• Rotor Position Sensing
• Current Switch
• Encoder
• RPM Detection




Similar Part No. - AH175

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
166Kb / 9P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
Rev ersal
logo
Anachip Corp
AH175-P-A ANACHIP-AH175-P-A Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH175-P-B ANACHIP-AH175-P-B Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH175-PA-A ANACHIP-AH175-PA-A Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
More results


Similar Description - AH175

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
Internal Pull-up Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
Inverted Output Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
Rev ersal
logo
Unisonic Technologies
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
Hall Effect Latch IC For High Temperature
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com