Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH293 Datasheet (PDF) - Diodes Incorporated

AH293 Datasheet PDF - Diodes Incorporated
Part # AH293
Download  AH293 Download
File Size   163.33 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH293 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH293 Datasheet PDF - Diodes Incorporated

Part # AH293
Download  AH293 Click to download

File Size   163.33 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH293 Datasheet (HTML) - Diodes Incorporated


AH293 Product details

General Description
AH293 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-collector transistors for Motor’s coil driving, automatic lock current shutdown, and recovery protections. Also, rotor-state detection (RD) output is for speed detection.

Features
• On Chip Hall Sensor
• Rotor-Locked Shutdown
• Automatically Restart
• Rotor-State Detection (RD) Output
• Built-in Zener Protection for Output Driver
• Operating Voltage: 1.8V~5.75 V
• Output Current: IO(AVE) = 400 mA
• Lead Free Finish/RoHS Compliant for Lead Free products (Note 1)
• Packages: SOT89-5L




Similar Part No. - AH293

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
logo
Diodes Incorporated
AH293 DIODES-AH293 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
AH293-YG-13 DIODES-AH293-YG-13 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
logo
Ohmite Mfg. Co.
AH29300 OHMITE-AH29300 Datasheet
494Kb / 2P
Multiple finishes available
logo
Anachip Corp
AH293AP ANACHIP-AH293AP Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
More results


Similar Description - AH293

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH291 ETC-AH291 Datasheet
269Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH291 DIODES-AH291 Datasheet
183Kb / 10P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH291 Rev. 3
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
logo
Anachip Corp
AH291 ANACHIP-AH291 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
AH292 ANACHIP-AH292 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com