Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH293 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH293
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH293 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH293 Datasheet HTML 1Page - Diodes Incorporated AH293 Datasheet HTML 2Page - Diodes Incorporated AH293 Datasheet HTML 3Page - Diodes Incorporated AH293 Datasheet HTML 4Page - Diodes Incorporated AH293 Datasheet HTML 5Page - Diodes Incorporated AH293 Datasheet HTML 6Page - Diodes Incorporated AH293 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AH293
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH293 Rev. 2
4 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
( TA = 25
°C )
Characteristics
Symbol
Rating
Unit
Operating Supply Voltage
Vdd
8
V
IO (AVE)
400
Output Current
IO (PEAK)
700
mA
Power Dissipaton
PD
800
mW
Operating Temperature
Top
-20 ~ 100
°C
Storage Temperature
Tst
-55 ~ 150
°C
Maximum Junction Temperature
Tj
150
°C
Electrical Characteristics
( TA = 25
°C, V
dd = 5V, unless otherwise specified )
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vdd
Operating
1.8*
-
5.75
V
Supply Current
Idd
Operating
-
2.6
4.0
mA
Locked Protection On
Tlrp-on
-
0.4
-
Sec
Locked Protection Off
Tlrp-off
2.4
3
3.6
Sec
IO = 180mA
-
300
-
Output Saturation Voltage
)
sat
(
OUT
V
IO = 350mA
-
600
-
mV
Output On Resistance
Rds(on)
-
1.75
-
ohm
RD Output Vds
Vol
IO = 10mA
-
0.5
-
V
Output Zener-Breakdown Voltage
Vz
-
15
-
V
*Note:
The output of IC will be switched after the supply voltage is over 1.8V, but the magnetic characteristics won't be normal until the supply is
over 2.0V.
Truth Table
IN-
IN+
CT
OUT1
OUT2
RD
Mode
H
L
L
H
L
L
Rotating
L
H
L
L
H
L
Rotating
-
-
H
off
off
off
Lockup protection activated
Latch-type RD output is low during rotation and high during stop



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com