Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084D15L-U Datasheet (PDF) - Diodes Incorporated

AP1084D15L-U Datasheet PDF - Diodes Incorporated
Part # AP1084D15L-U
Download  AP1084D15L-U Download
File Size   166.34 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR

AP1084D15L-U Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1084D15L-U Datasheet PDF - Diodes Incorporated

Part # AP1084D15L-U
Download  AP1084D15L-U Click to download

File Size   166.34 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR

AP1084D15L-U Datasheet (HTML) - Diodes Incorporated


AP1084D15L-U Product details

General Description
AP1084 is a low dropout positive adjustable or fixed-mode regulator with 5.0A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1084 is also well suited for other applications such as VGA cards. AP1084 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 3.3V with 4.7 to 12V input supply.

Features
• 1.4V Maximum Dropout at Full Load Current
• Built-in Thermal Shutdown
• Output Current Limiting
• Adjustable Output Voltage or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
• Fast Transient Response
• Good Noise Rejection
• Lead Free Packages: TO252-3L, TO263-3L and TO220-3L
• TO252-3L, TO263-3L and TO220-3L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/RoHS Compliant (Note 1)




Similar Part No. - AP1084D15L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084D15L ANACHIP-AP1084D15L Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP1084D15L ANACHIP-AP1084D15L Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D15LA ANACHIP-AP1084D15LA Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP1084D15LA ANACHIP-AP1084D15LA Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Similar Description - AP1084D15L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com