Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1212 Datasheet (PDF) - Diodes Incorporated

AP1212 Datasheet PDF - Diodes Incorporated
Part # AP1212
Download  AP1212 Download
File Size   282.25 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL USB HIGH-SIDE POWER SWITCH

AP1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1212 Datasheet PDF - Diodes Incorporated

Part # AP1212
Download  AP1212 Click to download

File Size   282.25 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL USB HIGH-SIDE POWER SWITCH

AP1212 Datasheet (HTML) - Diodes Incorporated


AP1212 Product details

General Description
The AP1212 series are dual integrated high-side power switch with independent enable and flag functions, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. The AP1212 series support the following USB requirements: each switch channel supplies up to 500mA as required by USB downstream devices; the switch’s low on-resistance meets USB voltage drop requirements; fault current is limited to typically 1000mA, well below the UL 25VA safety requirements; and a flag output is available to indicate fault conditions to the local USB controller. Soft start eliminates the momentary voltage drop on the upstream port that may occur when the switch is enabled in bus-powered applications.

Features
• Compliant to USB specifications
• Dual independent switches control
• 2.7V to 5.5V input voltage
• 500mA minimum continuous current per port
• 110mΩ typical on-resistance
• 1.25A maximum short circuit current limit
• Independent open-drain fault flag pins
• 110μ A typical on-state supply current
• 1μ A typical off-state supply current
• Output can be forced higher than input (off-state)
• Thermal shutdown
• 2.4V typical under voltage lockout (UVLO)
• 1ms turn-on (soft-start) and fast turn-off
• Enable active-high (H) or active-low (L)
• SOP-8L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/RoHS Compliant (Note 1)

Applications
• USB hubs
• Hot plug-in power supplies
• Battery-charger circuits




Similar Part No. - AP1212

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
List of Unclassifed Man...
AP1212-1 ETC-AP1212-1 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Anachip Corp
AP1212HN ANACHIP-AP1212HN Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
AP1212HNA ANACHIP-AP1212HNA Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
AP1212HNL ANACHIP-AP1212HNL Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
More results


Similar Description - AP1212

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US2076 UTC-US2076_15 Datasheet
236Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com