Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2076A Datasheet (PDF) - Unisonic Technologies

US2076A Datasheet PDF - Unisonic Technologies
Part # US2076A
Download  US2076A Download
File Size   265.57 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL USB HIGH-SIDE POWER SWITCH

US2076A Datasheet (PDF)

Go To PDF Page Download Datasheet
US2076A Datasheet PDF - Unisonic Technologies

Part # US2076A
Download  US2076A Click to download

File Size   265.57 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL USB HIGH-SIDE POWER SWITCH

US2076A Datasheet (HTML) - Unisonic Technologies


US2076A Product details

DESCRIPTION
The UTC U2076A is a dual integrated high-side power switch particularly designed for self-powered and bus-powered Universal Serial Bus (USB) applications.
   
FEATURES
* MOSFET with Low On-Resistance: 140mΩ max.@5.0V per Channel
* Continuous Load Current: 500mA (MIN.) per Channel
* Off-State Supply Current: 1µA (TYP.)
* Output can be Forced Higher than Input (Off-State)
* Current Limit up to 1.25A (MAX.)
* Input Supply Voltage: 3.0V ~ 5.5V
* On-State Supply Current: 110µA (TYP.)
* Thermal Shutdown Protection Circuit
* UVLO (Undervoltage Lockout): 2.4V (TYP.)
* Open-Drain Fault Flag
* 1ms Turn-On (Soft-Start) and Fast Turn-Off
* Compliant to USB Specifications
* Available with Active-Low Enable
   




Similar Part No. - US2076A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076AG-S08-R UTC-US2076AG-S08-R Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A_15 Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
More results


Similar Description - US2076A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US2076 UTC-US2076_15 Datasheet
236Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com