Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT6802 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

STT6802 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # STT6802
Download  STT6802 Download
File Size   521.62 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 20 V (D-S) MOSFET

STT6802 Datasheet (PDF)

Go To PDF Page Download Datasheet
STT6802 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # STT6802
Download  STT6802 Click to download

File Size   521.62 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 20 V (D-S) MOSFET

STT6802 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


STT6802 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - STT6802

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6802 SECOS-STT6802 Datasheet
1Mb / 4P
3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
More results


Similar Description - STT6802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
Dual N-Channel 20-V (D-S) MOSFET
12-Aug-02
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
05-Mar-01
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
Dual N-Channel 20 V (D-S) MOSFET
02-May-11
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
Dual N-Channel 20 V (D-S) MOSFET
08-Mar-10
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
Dual N-Channel 20-V (D-S) MOSFET
29-Dec-08
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
Dual N-Channel 20-V (D-S) MOSFET
27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT6898G-S08-R VBSEMI-UT6898G-S08-R Datasheet
997Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
SPN9926AS8RGB VBSEMI-SPN9926AS8RGB Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com