Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT6802 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

STT6802 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # STT6802
Download  STT6802 Download
File Size   1506.02 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET

STT6802 Datasheet (PDF)

Go To PDF Page Download Datasheet
STT6802 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # STT6802
Download  STT6802 Click to download

File Size   1506.02 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET

STT6802 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - STT6802

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT6802 VBSEMI-STT6802 Datasheet
521Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results


Similar Description - STT6802

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
SMG1330N SECOS-SMG1330N Datasheet
64Kb / 2P
2.0A , 30V , RDS(ON) 58 m N-Channel Enhancement Mode MOSFET
SMG2334NE SECOS-SMG2334NE_12 Datasheet
297Kb / 4P
3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5406 SECOS-SMG5406 Datasheet
1Mb / 4P
3.6A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSE110N03-03P SECOS-SSE110N03-03P Datasheet
81Kb / 2P
110A , 30V , RDS(ON) 2.5m N-Channel Enhancement Mode MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
SDT3N03 SECOS-SDT3N03 Datasheet
343Kb / 4P
3.5A, 30V, RDS(ON) 55 m(ohm) Dual-N Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com