Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05201L-SH2-R Datasheet (PDF) - Unisonic Technologies

UD05201L-SH2-R Datasheet PDF - Unisonic Technologies
Part # UD05201L-SH2-R
Download  UD05201L-SH2-R Download
File Size   366.31 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER

UD05201L-SH2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UD05201L-SH2-R Datasheet PDF - Unisonic Technologies

Part # UD05201L-SH2-R
Download  UD05201L-SH2-R Click to download

File Size   366.31 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER

UD05201L-SH2-R Datasheet (HTML) - Unisonic Technologies


UD05201L-SH2-R Product details

DESCRIPTION
The UTC UD05201 is a 1.2MHz constant frequency current mode
PWM step-down converter. It is ideal for portable equipment
requiring very high current up to 2A from single-cell Lithium-ion
batteries while still achieving over 90% efficiency during peak load
conditions. The UTC UD05201 also can run at 100% duty cycle for
low dropout operation, extending battery life in portable systems
while light load operation provides very low output ripple for noise
sensitive applications. The UTC UD05201 can supply up to 2A
output load current from a 2.6V to 5.5V input voltage and the output
voltage can be regulated as low as 0.6V. The high switching
frequency minimizes the size of external components while keeping
switching losses low. The internal slope compensation setting allows
the device to operate with smaller inductor values to optimize size
and provide efficient operation. The UTC UD05201 is available in
adjustable (0.6V to VIN) output voltage.

FEATURES
* 2.6V~5.5V Input Voltage Range
* Output Voltages from 0.6V to VIN
* High Efficiency: Up to 96%
* 1.2MHz Constant Frequency Operation
* Up to 2A Output Current
* No Schottky Diode Required
* Low RDS(ON) Internal Switches: 0.15Ω
* Current Mode Operation for Excellent Line and Load
Transient Response
* Current limit, Enable function
* Short Circuit Protect (SCP)
* Build-in Soft Start function
* ≤ 1μA Shutdown Current




Similar Part No. - UD05201L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AF5-R UTC-UD052012G-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AG6-R UTC-UD052012G-AG6-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012L-AF5-R UTC-UD052012L-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012L-AG6-R UTC-UD052012L-AG6-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Similar Description - UD05201L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com