Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSH047P06 Datasheet (PDF) - Inchange Semiconductor Company Limited

HSH047P06 Datasheet PDF - Inchange Semiconductor Company Limited
Part # HSH047P06
Download  HSH047P06 Download
File Size   311.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trenched P-Channel MOSFET

HSH047P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSH047P06 Datasheet PDF - Inchange Semiconductor Company Limited

Part # HSH047P06
Download  HSH047P06 Click to download

File Size   311.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trenched P-Channel MOSFET

HSH047P06 Datasheet (HTML) - Inchange Semiconductor Company Limited


HSH047P06 Product details

FEATURES
·Drain Current -ID= -150A@ TC=25℃
·Drain Source Voltage -VDSS= -60V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 4.7mΩ(Max)@VGS= -10V
APPLICATIONS
·Switch Mode Power Supply (SMPS)
·Uninterruptible Power Supply (UPS)
·Power Factor Correction (PFC)




Similar Part No. - HSH047P06

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSH-A-XX-SG-SMT-NP-BL ADAM-TECH-HSH-A-XX-SG-SMT-NP-BL Datasheet
86Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-G-SMT ADAM-TECH-HSH-XX-G-SMT Datasheet
83Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-SG ADAM-TECH-HSH-XX-SG Datasheet
89Kb / 1P
PITCH SHROUDED MALE HEADER DUAL ROW DIP TYPE
HSH-XX-SG-10-TR ADAM-TECH-HSH-XX-SG-10-TR Datasheet
82Kb / 1P
PITCH SHROUDED MALE HEADER DUAL ROW
HSH-XX-SG-SMT ADAM-TECH-HSH-XX-SG-SMT Datasheet
82Kb / 1P
SHROUDED HEADER
More results


Similar Description - HSH047P06

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com