Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSH047P06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # HSH047P06
Description  Trenched P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

HSH047P06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  HSH047P06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited HSH047P06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1044
eq HSH047P06
Trenched P-Channel MOSFET
www.iscsemi.com
1
FEATURES
·Drain Current -ID= -150A@ TC=25℃
·Drain Source Voltage -VDSS= -60V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 4.7mΩ(Max)@VGS= -10V
APPLICATIONS
·
Switch Mode Power Supply (SMPS)
·
Uninterruptible Power Supply (UPS)
·
Power Factor Correction (PFC)
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
-150
A
IDM
Drain Current-Single Pulse
-520
A
PD
Total Dissipation @TC=25℃
183
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.68
℃
/W


Similar Part No. - HSH047P06

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSH-A-XX-SG-SMT-NP-BL ADAM-TECH-HSH-A-XX-SG-SMT-NP-BL Datasheet
86Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-G-SMT ADAM-TECH-HSH-XX-G-SMT Datasheet
83Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-SG ADAM-TECH-HSH-XX-SG Datasheet
89Kb / 1P
PITCH SHROUDED MALE HEADER DUAL ROW DIP TYPE
HSH-XX-SG-10-TR ADAM-TECH-HSH-XX-SG-10-TR Datasheet
82Kb / 1P
PITCH SHROUDED MALE HEADER DUAL ROW
HSH-XX-SG-SMT ADAM-TECH-HSH-XX-SG-SMT Datasheet
82Kb / 1P
SHROUDED HEADER
More results

Similar Description - HSH047P06

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com