Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1181 Datasheet (PDF) - NXP Semiconductors

ISP1181 Datasheet PDF - NXP Semiconductors
Part # ISP1181
Download  ISP1181 Download
File Size   1655.75 Kbytes
Page   69 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Full-speed Universal Serial Bus interface device

ISP1181 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1181 Datasheet PDF - NXP Semiconductors

Part # ISP1181
Download  ISP1181 Click to download

File Size   1655.75 Kbytes
Page   69 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Full-speed Universal Serial Bus interface device

ISP1181 Datasheet (HTML) - NXP Semiconductors


ISP1181 Product details

General description
The ISP1181 is a Universal Serial Bus (USB) interface device which complies with Universal Serial Bus Specification Rev. 1.1. It provides full-speed USB communication capacity to microcontroller or microprocessor-based systems. The ISP1181 communicates with the system’s microcontroller or microprocessor through a high-speed general-purpose parallel interface.The fully autonomous Direct Memory Access (DMA) operation - auto download, auto repeat, auto execution - removes the need for the device to re-enable or re-initialize the DMA operation every time.

Features
■ Complies with Universal Serial Bus Specification Rev. 1.1 and most Device Class specifications
■ High performance USB interface device with integrated Serial Interface Engine (SIE), FIFO memory, transceiver and 3.3 V voltage regulator
■ Interrupt endpoint can be configured in ‘rate feedback’ mode
■ High speed (11.1 Mbyte/s or 90 ns read/write cycle) parallel interface
■ Fully autonomous and multi-configuration DMA operation
■ Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints
■ Integrated physical 2462 bytes of multi-configuration FIFO memory
■ Endpoints with double buffering to increase throughput and ease real-time data transfer
■ Seamless interface with most microcontrollers/microprocessors
■ Bus-powered capability with low power consumption and low ‘suspend’ current
■ 6 MHz crystal oscillator with integrated PLL for low EMI Controllable LazyClock (24 kHz) output during ‘suspend
■ Software controlled connection to the USB bus (SoftConnect™)
■ Good USB connection indicator that blinks with traffic (GoodLink™)
■ Clock output with programmable frequency (up to 48 MHz)
■ Complies with the ACPI™, OnNow™ and USB power management requirements
■ Internal power-on and low-voltage reset circuit, with possibility of a software reset
■ Operation over the extended USB bus voltage range (4.0 to 5.5 V) with 5 V tolerant I/O pads
■ Operating temperature range −40 to +85 °C
■ 8 kV in-circuit ESD protection for lower cost of external components
■ Full-scan design with high fault coverage
■ Available in a TSSOP48 package.

Applications
■ Personal digital assistant (PDA)
■ Digital camera
■ Communication device, e.g.
    ◆ router
    ◆ modem
■ Printer
■ Scanner.




Similar Part No. - ISP1181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
More results


Similar Description - ISP1181

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com