Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1183 Datasheet (PDF) - NXP Semiconductors

ISP1183 Datasheet PDF - NXP Semiconductors
Part # ISP1183
Download  ISP1183 Download
File Size   295.35 Kbytes
Page   62 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power Universal Serial Bus interface device with DMA

ISP1183 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1183 Datasheet PDF - NXP Semiconductors

Part # ISP1183
Download  ISP1183 Click to download

File Size   295.35 Kbytes
Page   62 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power Universal Serial Bus interface device with DMA

ISP1183 Datasheet (HTML) - NXP Semiconductors


ISP1183 Product details

General description
The ISP1183 is a Universal Serial Bus (USB) interface device that complies with Universal Serial Bus Specification Rev. 2.0, supporting data transfer at full-speed (12 Mbit/s). It provides full-speed USB communication capacity to microcontroller or microprocessor-based systems. The ISP1183 communicates with the system’s microcontroller or microprocessor through a fast general-purpose parallel interface.

Features
■ Complies with Universal Serial Bus Specification Rev. 2.0 and most Device Class specifications
■ Complies with ACPI™, OnNow™ and USB power management requirements
■ Supports data transfer at full-speed (12 Mbit/s)
■ High performance USB interface device with integrated Serial Interface Engine (SIE), FIFO memory, transceiver, and 3.3 V voltage regulator
■ High speed (11.1 Mbyte/s or 90 ns read/write cycle) parallel interface
■ Fully autonomous and multiconfiguration DMA operation
■ Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints
■ Integrated physical 2462 bytes of multiconfiguration FIFO memory
■ Endpoints with double buffering to increase throughput and ease real-time data transfer
■ Seamless interface with most microcontrollers and microprocessors
■ Bus-powered capability with low power consumption and low suspend current
■ Software controlled connection to the USB bus (SoftConnect™)
■ Supports internal power-on and low-voltage reset circuit
■ Supports software reset
■ Hybrid-powered capability with low-power consumption required from the system
■ VBUS indication
■ 6 MHz crystal oscillator input with integrated PLL for low EMI
■ Good USB connection indicator that blinks with traffic (GoodLink™)
■ Supports I/O voltage range of 1.65 V to 3.6 V
■ Operation over the extended USB bus voltage range (4.0 V to 5.5 V) with 3.3 V tolerant I/O pads
■ Operating temperature range −40 °C to +85 °C
■ Full-scan design with high fault coverage
■ Available in HVQFN32 lead-free and halogen-free package.

Applications
■ Battery-operated device, for example:
    ◆ Mobile phone
    ◆ MP3 player
    ◆ Personal Digital Assistant (PDA)
■ Communication device, for example:
    ◆ Router
    ◆ Modem
■ Digital camera
■ Mass storage device, for example:
    ◆ Zip® drive
■ Printer
■ Scanner.




Similar Part No. - ISP1183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
More results


Similar Description - ISP1183

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
Universal Serial Bus General-Purpose Device Controller
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
Universal Serial Bus General-Purpose Device Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com