Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR820 Datasheet (PDF) - RFE international

MUR820 Datasheet PDF - RFE international
Part # MUR820
Download  MUR820 Download
File Size   2622.83 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 8A FRED Pt MUR820

MUR820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR820 Datasheet PDF - RFE international

Part # MUR820
Download  MUR820 Click to download

File Size   2622.83 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 8A FRED Pt MUR820

MUR820 Datasheet (HTML) - RFE international


MUR820 Product details

FEATURES

Adopt FRED chip.

Low forward Voltage drop

Fast reverse recovery time

High frequency operation

High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MUR820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
logo
Micro Commercial Compon...
MUR820 MCC-MUR820 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR820 ONSEMI-MUR820 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
logo
International Rectifier
MUR820 IRF-MUR820 Datasheet
196Kb / 8P
Ultrafast Rectifier
More results


Similar Description - MUR820

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1660FCT LUGUANG-MUR1660FCT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 Pt
Revision:20220013-P1
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
MUR8060P LUGUANG-MUR8060P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20221223-P1
MUR8120 LUGUANG-MUR8120 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
logo
RFE international
MUR1640FCT RFE-MUR1640FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
22-10-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR820F RFE-MUR820F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR820F
09-30-2022
MUR840F RFE-MUR840F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR840F
09-29-2022
MUR860F RFE-MUR860F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR860F
09-29-2022
MURB1660CT RFE-MURB1660CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRED Pt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com