Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURB1660CT Datasheet (PDF) - RFE international

MURB1660CT Datasheet PDF - RFE international
Part # MURB1660CT
Download  MURB1660CT Download
File Size   2805.52 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 8A*2 FRED Pt

MURB1660CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURB1660CT Datasheet PDF - RFE international

Part # MURB1660CT
Download  MURB1660CT Click to download

File Size   2805.52 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 8A*2 FRED Pt

MURB1660CT Datasheet (HTML) - RFE international


MURB1660CT Product details

Features

Adopt FRED chip

Low forward Voltage drop

Fast reverse recovery lime

High frequency operation

High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard fing for enhanced ruggedness and long term reliability




Similar Part No. - MURB1660CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURB1660CT MOTOROLA-MURB1660CT Datasheet
106Kb / 6P
ULTRAFAST RECTIFIER 16 AMPERES 600 VOLTS
logo
Micro Commercial Compon...
MURB1660CT MCC-MURB1660CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
ON Semiconductor
MURB1660CT ONSEMI-MURB1660CT Datasheet
57Kb / 4P
ULTRAFAST RECTIFIER 16 AMPERES, 600 VOLTS
July, 2006 ??Rev. 7
MURB1660CT ONSEMI-MURB1660CT Datasheet
75Kb / 5P
Switch Mode Power Rectifier
May, 2014 ??Rev. 9
logo
Foshan Blue Rocket Elec...
MURB1660CT FOSHAN-MURB1660CT Datasheet
720Kb / 6P
Ultrafast Recovery Diode in a TO-263 Plastic Package
More results


Similar Description - MURB1660CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR3060PT LUGUANG-MUR3060PT Datasheet
852Kb / 4P
Ultra-Fast Recovery Diodes 15A*2 FRED Pt
Revision:20220419-P1
MUR1040DC LUGUANG-MUR1040DC Datasheet
699Kb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1660FCT LUGUANG-MUR1660FCT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 Pt
Revision:20220013-P1
MUR1680CT LUGUANG-MUR1680CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRD Pt
Revision:20170701-P1
logo
RFE international
MUR1640FCT RFE-MUR1640FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
22-10-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR820 RFE-MUR820 Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR820
09-30-2022
MUR820F RFE-MUR820F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR820F
09-30-2022
MUR840F RFE-MUR840F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR840F
09-29-2022
MUR860F RFE-MUR860F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR860F
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com