Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURB1040CT Datasheet (PDF) - RFE international

MURB1040CT Datasheet PDF - RFE international
Part # MURB1040CT
Download  MURB1040CT Download
File Size   2810.71 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 5A*2 FRED Pt MURB1040CT

MURB1040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURB1040CT Datasheet PDF - RFE international

Part # MURB1040CT
Download  MURB1040CT Click to download

File Size   2810.71 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 5A*2 FRED Pt MURB1040CT

MURB1040CT Datasheet (HTML) - RFE international


MURB1040CT Product details

Adopt FRED chip

Low forward Voltage drop.

Fast reverse recovery time

High frequency operation

High purty, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MURB1040CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MURB1040CT GOOD-ARK-MURB1040CT Datasheet
517Kb / 7P
Product Specification
logo
Zibo Seno Electronic En...
MURB1040CT ZSELEC-MURB1040CT Datasheet
232Kb / 2P
10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MURB1040CT THINKISEMI-MURB1040CT Datasheet
758Kb / 2P
10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB1040CT THINKISEMI-MURB1040CT Datasheet
377Kb / 2P
10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
Won-Top Electronics
MURB1040CT WTE-MURB1040CT Datasheet
55Kb / 4P
10A SURFACE MOUNT GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
September, 2012
More results


Similar Description - MURB1040CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1040CD LUGUANG-MUR1040CD Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060CD LUGUANG-MUR1060CD Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MTSR1020CT LUGUANG-MTSR1020CT Datasheet
916Kb / 4P
Super-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20170701-P1
MUR1020CT LUGUANG-MUR1020CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRD Pt
Revision:20220701-P1
MUR1040DC LUGUANG-MUR1040DC Datasheet
699Kb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060CT LUGUANG-MUR1060CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 Pt
Revision:20220701-P1
MUR1060DC LUGUANG-MUR1060DC Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
logo
RFE international
MUR540F RFE-MUR540F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt
12-11-2020
MUR560D RFE-MUR560D Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A FRED Pt MUR560D
10-FEB-2023
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com