Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT20N170AG Datasheet (PDF) - Inchange Semiconductor Company Limited

SCT20N170AG Datasheet PDF - Inchange Semiconductor Company Limited
Part # SCT20N170AG
Download  SCT20N170AG Download
File Size   357.96 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCT20N170AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT20N170AG Datasheet PDF - Inchange Semiconductor Company Limited

Part # SCT20N170AG
Download  SCT20N170AG Click to download

File Size   357.96 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCT20N170AG Datasheet (HTML) - Inchange Semiconductor Company Limited


SCT20N170AG Product details

FEATURES
·High Blocking Voltage with Low On-Resistance
·RDS(ON)= 64mΩ(TYP.)@VGS= 20V
·High Speed Switching with Low Capacitance
·Avalanche Ruggedness
APPLICATIONS
·Motor Drives
·Solar Inverters, UPS
·Down Hole Drilling
·Battery Chargers




Similar Part No. - SCT20N170AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
Very high operating temperature capability
17-Dec-2015
SCT20N120AG STMICROELECTRONICS-SCT20N120AG Datasheet
487Kb / 13P
Automotive-grade silicon carbide Power MOSFET 1200 V, 20 A, 189 mΩ (typ., TJ=150 °C), in an HiP247 package
Rev 3 - October 2019
logo
Inchange Semiconductor ...
SCT20N120H ISC-SCT20N120H Datasheet
369Kb / 2P
SiC N-Channel MOSFET
logo
STMicroelectronics
SCT20N120H STMICROELECTRONICS-SCT20N120H Datasheet
686Kb / 16P
Silicon carbide Power MOSFET 1200 V, 20 A, 189 mΩ (typ., TJ=150 °C), in an H²PAK-2 package
13-Dec-2019
More results


Similar Description - SCT20N170AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
C3M0032120K ISC-C3M0032120K Datasheet
785Kb / 8P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com