Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT070W120G3AG Datasheet (PDF) - Inchange Semiconductor Company Limited

SCT070W120G3AG Datasheet PDF - Inchange Semiconductor Company Limited
Part # SCT070W120G3AG
Download  SCT070W120G3AG Download
File Size   1021.14 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCT070W120G3AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT070W120G3AG Datasheet PDF - Inchange Semiconductor Company Limited

Part # SCT070W120G3AG
Download  SCT070W120G3AG Click to download

File Size   1021.14 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCT070W120G3AG Datasheet (HTML) - Inchange Semiconductor Company Limited


SCT070W120G3AG Product details

FEATURES
·High Blocking Voltage with Low On-Resistance
·RDS(ON)= 75mΩ(TYP.)@VGS= 18V
·High Speed Switching with Low Capacitance
·Avalanche Ruggedness
APPLICATIONS
·Main Inverter (electric traction)
·DC/DC converter for EV/HEV
·On board charger(OBC)
·Battery Chargers




Similar Part No. - SCT070W120G3AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT070W120G3-4 STMICROELECTRONICS-SCT070W120G3-4 Datasheet
499Kb / 12P
Silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package
23-Aug-2023
SCT070W120G3-4AG STMICROELECTRONICS-SCT070W120G3-4AG Datasheet
506Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package
19-Dec-2023
More results


Similar Description - SCT070W120G3AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
C3M0032120K ISC-C3M0032120K Datasheet
785Kb / 8P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com