Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT070W120G3-4 Datasheet (PDF) - STMicroelectronics

SCT070W120G3-4 Datasheet PDF - STMicroelectronics
Part # SCT070W120G3-4
Download  SCT070W120G3-4 Download
File Size   499.71 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package

SCT070W120G3-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT070W120G3-4 Datasheet PDF - STMicroelectronics

Part # SCT070W120G3-4
Download  SCT070W120G3-4 Click to download

File Size   499.71 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package

SCT070W120G3-4 Datasheet (HTML) - STMicroelectronics


SCT070W120G3-4 Product details

Features
• Very fast and robust intrinsic body diode
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very high operating junction temperature capability (TJ = 200 °C)
• Source sensing pin for increased efficiency

Applications
• Switching mode power supply
• Power supply for renewable energy systems
• DC-DC converters




Similar Part No. - SCT070W120G3-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT070W120G3-4AG STMICROELECTRONICS-SCT070W120G3-4AG Datasheet
506Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package
19-Dec-2023
More results


Similar Description - SCT070W120G3-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTWA90N65G2V-4 STMICROELECTRONICS-SCTWA90N65G2V-4 Datasheet
239Kb / 13P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 119 A in an HiP247-4 package
25-Nov-2020
SCTW40N120G2V STMICROELECTRONICS-SCTW40N120G2V Datasheet
205Kb / 12P
Silicon carbide Power MOSFET 1200 V, 62 mΩ typ., 36 A in an HiP247 package
09-Jun-2021
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT070H120G3AG STMICROELECTRONICS-SCT070H120G3AG Datasheet
396Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
04-Apr-2023
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com