Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURB3060CT Datasheet (PDF) - RFE international

MURB3060CT Datasheet PDF - RFE international
Part # MURB3060CT
Download  MURB3060CT Download
File Size   2743.49 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 15A*2 FRED Pt

MURB3060CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURB3060CT Datasheet PDF - RFE international

Part # MURB3060CT
Download  MURB3060CT Click to download

File Size   2743.49 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 15A*2 FRED Pt

MURB3060CT Datasheet (HTML) - RFE international


MURB3060CT Product details

Features

Adopt FRED chip

Low forward Voltage drop

Fast reverse recovery time

High frequency operation

High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MURB3060CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURB3060CT THINKISEMI-MURB3060CT Datasheet
762Kb / 2P
30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB3060CT THINKISEMI-MURB3060CT Datasheet
468Kb / 2P
30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
Won-Top Electronics
MURB3060CT WTE-MURB3060CT Datasheet
55Kb / 4P
30A SURFACE MOUNT GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
March, 2014
MURB3060CT-T3 WTE-MURB3060CT-T3 Datasheet
55Kb / 4P
30A SURFACE MOUNT GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
March, 2014
logo
Thinki Semiconductor Co...
MURB3060CTR THINKISEMI-MURB3060CTR Datasheet
799Kb / 2P
30.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Similar Description - MURB3060CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR6060SPT LUGUANG-MUR6060SPT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR1040CD LUGUANG-MUR1040CD Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060CD LUGUANG-MUR1060CD Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR2040FCT LUGUANG-MUR2040FCT Datasheet
304Kb / 4P
Ultra-Fast Recovery Diodes 10A*2 FRED Pt
MUR3060PT LUGUANG-MUR3060PT Datasheet
852Kb / 4P
Ultra-Fast Recovery Diodes 15A*2 FRED Pt
Revision:20220419-P1
MUR6030PT LUGUANG-MUR6030PT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR1040DC LUGUANG-MUR1040DC Datasheet
699Kb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060DC LUGUANG-MUR1060DC Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR6020PT LUGUANG-MUR6020PT Datasheet
1Mb / 3P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20220701-P1
logo
RFE international
MURB1660CT RFE-MURB1660CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRED Pt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com