Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW2.8 Datasheet (PDF) - Protek Devices

PLW2.8 Datasheet PDF - Protek Devices
Part # PLW2.8
Download  PLW2.8 Download
File Size   59.74 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS COMPONENT

PLW2.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLW2.8 Datasheet PDF - Protek Devices

Part # PLW2.8
Download  PLW2.8 Click to download

File Size   59.74 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS COMPONENT

PLW2.8 Datasheet (HTML) - Protek Devices


PLW2.8 Product details

DESCRIPTION
The PLW2.8 is a low capacitance, transient voltage suppressor array designed to protect applicatons such as wire less telecommunicaton devices, PCMCIA cards and portable electronics. This device is available in a unidirectonal confguraton with a working voltage of 2.8V and a minimum breakdown voltage of 3.0V. The PLW2.8 is rated at 50W peak pulse power (8/20µs), which is sufcient protecton for tertary type lightning threats at key interface locatons.

FEATuRES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• 50 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectonal Confguraton
• Replacement for MLV (0803)
• Low Leakage Current <1.0µA
• Low Capacitance: 6pF (Typical)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet - 10/100/1000 Base T
• SMART Phones
• Portable Electronics




Similar Part No. - PLW2.8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW2.8 PROTEC-PLW2.8 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
LOW CAPACITANCE TVS COMPONENT
More results


Similar Description - PLW2.8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H Datasheet
70Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW0501D PROTEC-PLW0501D Datasheet
65Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H_07 Datasheet
59Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW1201H PROTEC-PLW1201H Datasheet
57Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D Datasheet
448Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
LOW CAPACITANCE TVS COMPONENT
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
Low Capacitance TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com