Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8D Datasheet (PDF) - Protek Devices

PRSB6.8D Datasheet PDF - Protek Devices
Part # PRSB6.8D
Download  PRSB6.8D Download
File Size   448.67 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS COMPONENT

PRSB6.8D Datasheet (PDF)

Go To PDF Page Download Datasheet
PRSB6.8D Datasheet PDF - Protek Devices

Part # PRSB6.8D
Download  PRSB6.8D Click to download

File Size   448.67 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS COMPONENT

PRSB6.8D Datasheet (HTML) - Protek Devices


PRSB6.8D Product details

DESCRIPTION
The PRSB6.8D is a transient voltage suppressor array designed to protect applications such as wireless telecommunication devices and portable electronics. This device is available in a bidirectional configuration with a working voltage of 4.7V and a minimum breakdown voltage of 5.7V. The PRSB6.8D is rated at 10W peak pulse power (10/1000µs), which is sufficient protection for tertiary type lightning threats at key interface locations.
The PRSB6.8D is ideally suited to protect data I/O ports against ESD and EFT. This device meets the requirements of IEC 61000-2 and IEC 61000-4-4. Packaged in a SOD-923 configuration, this device can be substituted for similar 0803 outlines.

FEATURES
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• 10 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Bidirectional Configuration
• Protects One Data Line
• Low Clamping Voltage
• Low Capacitance
• Easy Placement for Manufacturing
• Ultra Thin Package - 0.016”(Max) Height by 0.015” (Typical)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Noise Suppression for Data Lines
• Portable Electronics
• SMART Phones




Similar Part No. - PRSB6.8D

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
More results


Similar Description - PRSB6.8D

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H Datasheet
70Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8 Datasheet
59Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501D PROTEC-PLW0501D Datasheet
65Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H_07 Datasheet
59Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW1201H PROTEC-PLW1201H Datasheet
57Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
LOW CAPACITANCE TVS COMPONENT
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
Low Capacitance TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com