Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8D Datasheet(PDF) 1 Page - Protek Devices

Part # PRSB6.8D
Description  LOW CAPACITANCE TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8D Datasheet(HTML) 1 Page - Protek Devices

  PRSB6.8D Datasheet HTML 1Page - Protek Devices PRSB6.8D Datasheet HTML 2Page - Protek Devices PRSB6.8D Datasheet HTML 3Page - Protek Devices PRSB6.8D Datasheet HTML 4Page - Protek Devices PRSB6.8D Datasheet HTML 5Page - Protek Devices PRSB6.8D Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05297.R4 3/11
Page 1
PRSB6.8D
low caPacitance tVS coMPonent
DeScRiPtion
The PRSB6.8D is a transient voltage suppressor array designed to protect applications such as wireless telecommuni-
cation devices and portable electronics. This device is available in a bidirectional configuration with a working voltage
of 4.7V and a minimum breakdown voltage of 5.7V. The PRSB6.8D is rated at 10W peak pulse power (10/1000µs),
which is sufficient protection for tertiary type lightning threats at key interface locations.
The PRSB6.8D is ideally suited to protect data I/O ports against ESD and EFT. This device meets the requirements of
IEC 61000-2 and IEC 61000-4-4. Packaged in a SOD-923 configuration, this device can be substituted for similar 0803
outlines.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• 10 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Bidirectional Configuration
• Protects One Data Line
• Low Clamping Voltage
• Low Capacitance
• Easy Placement for Manufacturing
• Ultra Thin Package - 0.016”(Max) Height by 0.015” (Typical)
• RoHS Compliant
• REACH Compliant
Mechanical chaRacteRiSticS
• Molded JEDEC SOD-923 Package
• Approximate Weight: 1 milligram
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPlicationS
• Noise Suppression for Data Lines
• Portable Electronics
• SMART Phones
SoD-923 Package
Pin conFiguRation
1
2


Similar Part No. - PRSB6.8D

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
More results

Similar Description - PRSB6.8D

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H Datasheet
70Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8 Datasheet
59Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501D PROTEC-PLW0501D Datasheet
65Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H_07 Datasheet
59Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW1201H PROTEC-PLW1201H Datasheet
57Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
LOW CAPACITANCE TVS COMPONENT
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
Low Capacitance TVS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com