Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L09 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

78L09 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 78L09
Download  78L09 Download
File Size   3617.99 Kbytes
Page   12 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS

78L09 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L09 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 78L09
Download  78L09 Click to download

File Size   3617.99 Kbytes
Page   12 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS

78L09 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


78L09 Product details

FEATURE
*Maximum output current of 150mA
*Output voltage of 5V,6V,8V,9V,10V,12V,15V and 24V
*Thermal overload protection
*Short circuit current limiting




Similar Part No. - 78L09

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L09 WINGS-78L09 Datasheet
155Kb / 2P
Positve-Voltage Regulators
logo
Daya Electric Group Co....
78L09 DAYA-78L09 Datasheet
765Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
78L09 HOTTECH-78L09 Datasheet
269Kb / 2P
Plastic-Encapsulate Voltage Regulator
logo
Foshan Blue Rocket Elec...
78L09 FOSHAN-78L09 Datasheet
976Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
logo
Guangdong Kexin Industr...
78L09 KEXIN-78L09 Datasheet
133Kb / 2P
Three-terminal positive Voltage regulator
More results


Similar Description - 78L09

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Leshan Radio Company
LR78L00 LRC-LR78L00_11 Datasheet
348Kb / 7P
Series3-Terminal 0.15A Positive Voltage Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
3-Terminal Positive Voltage Regulators
logo
Guangdong Youtai Semico...
78L05-150 UMW-78L05-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L06-150 UMW-78L06-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L08-150 UMW-78L08-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L09-150 UMW-78L09-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com