Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L09 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

78L09 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 78L09
Download  78L09 Download
File Size   269.08 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78L09 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L09 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 78L09
Download  78L09 Click to download

File Size   269.08 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78L09 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


78L09 Product details

FEATURES
    Maximum Output current IO: 0.1 A
    Output voltage VO: 9V
    Continuous total dissipation PD:0.625 W (Ta=25°C)




Similar Part No. - 78L09

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L09 WINGS-78L09 Datasheet
155Kb / 2P
Positve-Voltage Regulators
logo
Daya Electric Group Co....
78L09 DAYA-78L09 Datasheet
765Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
78L09 FOSHAN-78L09 Datasheet
976Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
logo
Guangdong Kexin Industr...
78L09 KEXIN-78L09 Datasheet
133Kb / 2P
Three-terminal positive Voltage regulator
logo
Microdiode Semiconducto...
78L09 CHENDA-78L09 Datasheet
1Mb / 3P
SOT-89 Plastic-Encapsulate Voltage Regulators
More results


Similar Description - 78L09

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
78L05 HOTTECH-78L05 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L06 HOTTECH-78L06 Datasheet
280Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L08 HOTTECH-78L08 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L15 HOTTECH-78L15 Datasheet
278Kb / 2P
Plastic-Encapsulate Voltage Regulator
78M05 HOTTECH-78M05 Datasheet
540Kb / 1P
Plastic-Encapsulate Voltage Regulator
78M12 HOTTECH-78M12 Datasheet
730Kb / 1P
Plastic-Encapsulate Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7806 HMSEMI-HM7806 Datasheet
328Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7808 HMSEMI-HM7808 Datasheet
368Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7809 HMSEMI-HM7809 Datasheet
425Kb / 1P
Plastic-Encapsulate Voltage Regulator
HM7812 HMSEMI-HM7812 Datasheet
421Kb / 1P
Plastic-Encapsulate Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com