Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M05 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

78M05 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 78M05
Download  78M05 Download
File Size   540.75 Kbytes
Page   1 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78M05 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 78M05
Download  78M05 Click to download

File Size   540.75 Kbytes
Page   1 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78M05 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


78M05 Product details

FEATURES
  Maximum output current
     IOM: 0.5 A
  Output voltage
     VO: 5V
  Continuous total dissipation
     PD: 1.25 W




Similar Part No. - 78M05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
78M05 TOSHIBA-78M05 Datasheet
669Kb / 20P
0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
78M05 FAIRCHILD-78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
List of Unclassifed Man...
78M05 ETC1-78M05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Jiangsu High diode Semi...
78M05 HDSEMI-78M05 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Voltage Regula tors
More results


Similar Description - 78M05

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
78L05 HOTTECH-78L05 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L06 HOTTECH-78L06 Datasheet
280Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L08 HOTTECH-78L08 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L09 HOTTECH-78L09 Datasheet
269Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L15 HOTTECH-78L15 Datasheet
278Kb / 2P
Plastic-Encapsulate Voltage Regulator
78M12 HOTTECH-78M12 Datasheet
730Kb / 1P
Plastic-Encapsulate Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7806 HMSEMI-HM7806 Datasheet
328Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7808 HMSEMI-HM7808 Datasheet
368Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7809 HMSEMI-HM7809 Datasheet
425Kb / 1P
Plastic-Encapsulate Voltage Regulator
HM7812 HMSEMI-HM7812 Datasheet
421Kb / 1P
Plastic-Encapsulate Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com