Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M05 Datasheet (PDF) - Jiangsu High diode Semiconductor Co., Ltd

78M05 Datasheet PDF - Jiangsu High diode Semiconductor Co., Ltd
Part # 78M05
Download  78M05 Download
File Size   2711.35 Kbytes
Page   3 Pages
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd
Description TO-252-2L Plastic-Encapsulate Voltage Regula tors

78M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78M05 Datasheet PDF - Jiangsu High diode Semiconductor Co., Ltd

Part # 78M05
Download  78M05 Click to download

File Size   2711.35 Kbytes
Page   3 Pages
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd
Description TO-252-2L Plastic-Encapsulate Voltage Regula tors

78M05 Datasheet (HTML) - Jiangsu High diode Semiconductor Co., Ltd


78M05 Product details

Three-terminal positive voltage regulator

Feature
● Maximum output current
IOM: 0.5 A
● Output voltage
VO: 5V
● Continuous total dissipation
PD: 1.25 W(Ta= 25 ℃)




Similar Part No. - 78M05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
78M05 TOSHIBA-78M05 Datasheet
669Kb / 20P
0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
78M05 FAIRCHILD-78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
List of Unclassifed Man...
78M05 ETC1-78M05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
GUANGDONG HOTTECH INDUS...
78M05 HOTTECH-78M05 Datasheet
540Kb / 1P
Plastic-Encapsulate Voltage Regulator
More results


Similar Description - 78M05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7905-TO252-2L ZPSEMI-CJ7905-TO252-2L Datasheet
693Kb / 1P
TO-252-2L Plastic-Encapsulate Voltage Regulator
CJ7908-TO252-2L ZPSEMI-CJ7908-TO252-2L Datasheet
641Kb / 1P
TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7915-TO252-2L ZPSEMI-CJ7915-TO252-2L Datasheet
702Kb / 1P
TO-252-2L Plastic-Encapsulate Voltage Regulator
logo
Jiangsu Changjiang Elec...
BT136S JIANGSU-BT136S Datasheet
4Mb / 3P
TO-252-2L Plastic-Encapsulate Thyristors
logo
Jiangsu High diode Semi...
HD78D05 HDSEMI-HD78D05 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Voltage Regula tors
LM317 HDSEMI-LM317 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Voltage Regula tors
MBRD20150CT-TO-252 HDSEMI-MBRD20150CT-TO-252 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com