Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L06 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

78L06 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 78L06
Download  78L06 Download
File Size   280.08 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78L06 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L06 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 78L06
Download  78L06 Click to download

File Size   280.08 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Voltage Regulator

78L06 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


78L06 Product details

FEATURES
    Maximum Output current IO: 0.1 A
    Output voltage VO: 6 V
    Continuous total dissipation PD:0.35 W (Ta =25°C)
   




Similar Part No. - 78L06

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L06 WINGS-78L06 Datasheet
149Kb / 2P
Positive-Voltage Regulators
logo
List of Unclassifed Man...
78L06 ETC1-78L06 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
78L06 WINNERJOIN-78L06 Datasheet
154Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L06 SEMTECH_ELEC-78L06 Datasheet
183Kb / 1P
3-Terminal positive voltage regulator
logo
Foshan Blue Rocket Elec...
78L06 FOSHAN-78L06 Datasheet
794Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
More results


Similar Description - 78L06

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
78L05 HOTTECH-78L05 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L08 HOTTECH-78L08 Datasheet
279Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L09 HOTTECH-78L09 Datasheet
269Kb / 2P
Plastic-Encapsulate Voltage Regulator
78L15 HOTTECH-78L15 Datasheet
278Kb / 2P
Plastic-Encapsulate Voltage Regulator
78M05 HOTTECH-78M05 Datasheet
540Kb / 1P
Plastic-Encapsulate Voltage Regulator
78M12 HOTTECH-78M12 Datasheet
730Kb / 1P
Plastic-Encapsulate Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7806 HMSEMI-HM7806 Datasheet
328Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7808 HMSEMI-HM7808 Datasheet
368Kb / 2P
Plastic-Encapsulate Voltage Regulator
HM7809 HMSEMI-HM7809 Datasheet
425Kb / 1P
Plastic-Encapsulate Voltage Regulator
HM7812 HMSEMI-HM7812 Datasheet
421Kb / 1P
Plastic-Encapsulate Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com