Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2025F Datasheet (PDF) - Zetex Semiconductors

ZXTP2025F Datasheet PDF - Zetex Semiconductors
Part # ZXTP2025F
Download  ZXTP2025F Download
File Size   505.18 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V, SOT23, PNP medium power transistor

ZXTP2025F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2025F Datasheet PDF - Zetex Semiconductors

Part # ZXTP2025F
Download  ZXTP2025F Click to download

File Size   505.18 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V, SOT23, PNP medium power transistor

ZXTP2025F Datasheet (HTML) - Zetex Semiconductors


ZXTP2025F Product details

COUNTDescription
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Features
• Higher power dissipation SOT23 package
• High peak current
• Low saturation voltage
• High gain
• 50V forward blocking voltage

Applications
• MOSFET and IGBT gate driving
• Motor drive
• Relay, lamp and solenoid drive
• High side switches
• DC-DC converters




Similar Part No. - ZXTP2025F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
ZXTP2025FTA DIODES-ZXTP2025FTA Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results


Similar Description - ZXTP2025F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2031F ZETEX-ZXTN2031F Datasheet
535Kb / 6P
50V, SOT23, NPN medium power transistor
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25050DFH DIODES-ZXTN25050DFH Datasheet
425Kb / 6P
50V, SOT23, NPN medium power transistor
SEPTEMBER 2006
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
12V, SOT23, PNP medium power transistor
OCTOBER 2007
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com