Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25050DFH Datasheet (PDF) - Diodes Incorporated

ZXTN25050DFH Datasheet PDF - Diodes Incorporated
Part # ZXTN25050DFH
Download  ZXTN25050DFH Download
File Size   425.58 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V, SOT23, NPN medium power transistor

ZXTN25050DFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25050DFH Datasheet PDF - Diodes Incorporated

Part # ZXTN25050DFH
Download  ZXTN25050DFH Click to download

File Size   425.58 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V, SOT23, NPN medium power transistor

ZXTN25050DFH Datasheet (HTML) - Diodes Incorporated


ZXTN25050DFH Product details

Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Features
• High power dissipation SOT23 package
• High peak current
• High gain
• Low saturation voltage
• 150V forward blocking voltage
• 5V reverse blocking voltage

Applications
• MOSFET gate drivers
• Power switches
• Motor control
• DC fans
• DC-DC converters




Similar Part No. - ZXTN25050DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
ZXTN25050DFHTA ZETEX-ZXTN25050DFHTA Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
More results


Similar Description - ZXTN25050DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2031F ZETEX-ZXTN2031F Datasheet
535Kb / 6P
50V, SOT23, NPN medium power transistor
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
50V, SOT23, PNP medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
20V, SOT23, NPN medium power transistor
MAY 2006
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
20V SOT23 NPN medium power transistor
MAY 2006
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com