Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURF860AC Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

MURF860AC Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # MURF860AC
Download  MURF860AC Download
File Size   292.39 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 8A super fast recovery diode

MURF860AC Datasheet (PDF)

Go To PDF Page Download Datasheet
MURF860AC Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # MURF860AC
Download  MURF860AC Click to download

File Size   292.39 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 8A super fast recovery diode

MURF860AC Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


MURF860AC Product details

FEATURES
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard




Similar Part No. - MURF860AC

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
MURF860AC ASEMI-MURF860AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
More results


Similar Description - MURF860AC

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
Super Fast Recovery Rectifiers(600V 8A)
D8LC20UR SHINDENGEN-D8LC20UR Datasheet
444Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
logo
Frontier Electronics.
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
SFF80-03CT FRONTIER-SFF80-03CT Datasheet
65Kb / 2P
8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03-LFR FRONTIER-SFF80-03-LFR Datasheet
130Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MURF860AC ASEMI-MURF860AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
SF806A ASEMI-SF806A Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
SFF806A ASEMI-SFF806A Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com