Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR3200 Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

SR3200 Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # SR3200
Download  SR3200 Download
File Size   62.38 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description axial ultra-fast recovery diode

SR3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR3200 Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # SR3200
Download  SR3200 Click to download

File Size   62.38 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description axial ultra-fast recovery diode

SR3200 Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


SR3200 Product details

FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension




Similar Part No. - SR3200

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SR3200 SEMTECH_ELEC-SR3200 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200 Datasheet
145Kb / 2P
VOLTAGE 200V 3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR3200 MCC-SR3200 Datasheet
273Kb / 3P
3 Amp Schottky Barrier Rectifier 200 Volts
logo
Gaomi Xinghe Electronic...
SR3200 GXELECTRONICS-SR3200 Datasheet
324Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results


Similar Description - SR3200

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
Semtech Corporation
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
logo
ASEMI TECHNOLOGY., LTD
SR5200 ASEMI-SR5200 Datasheet
62Kb / 2P
axial ultra-fast recovery diode
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com